Part Number Hot Search : 
AD521SD P6SMB BR1002 56F835 M61283FP ALVCH M16811 NJM2193M
Product Description
Full Text Search
 

To Download C0603X106M1RAC3316 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com s pecial_vw/audi ? 1/26/2016 overview kemets flexible termination (ft-cap) multilayer ceramic capacitor in x7r dielectric incorporates a unique, fexible termination system that is integrated with kemets standard termination materials. a conductive silver epoxy is utilized between the base metal and nickel barrier layers of kemets standard termination system in order to establish pliability while maintaining terminal strength, solderability and electrical performance. this technology was developed in order to address the primary failure mode of mlccsC fex cracks, which are typically the result of excessive tensile and shear stresses produced during board fexure and thermal cycling. flexible termination technology inhibits the transfer of board stress to the rigid ceramic body, therefore mitigating fex cracks which can result in low ir or short circuit failures. although this technology does not eliminate the potential for mechanical damage that may propagate during extreme environmental and handling conditions, it does provide superior fex performance over standard termination systems. combined with the stability of an x7r dielectric, these fex-robust devices are rohs compliant, offer a 5 mm minimum of fex-bend and exhibit a predictable change in capacitance with respect to time and voltage. capacitance change with reference to ambient temperature is limited to 15% from -55c to +125c. in addition of these devices meeting the automotive electronics council's aecCq200 qualifcation requirements, the vw80808 (vw/audi) specifcation approval is also part of this robust product offering surface mount multilayer ceramic capacitors (smd mlccs) flexible termination system (ft-cap), x7r dielectric, 6.3 C 100 vdc, vw 80808 specifcation ordering information c 1206 x 106 k 4 r a c 3316 ceramic case size (l" x w") specifcation/ two signifcant digits + number of zeros j = 5% k = 10% m = 20% 9 = 6.3 8 = 10 4 = 16 3 = 25 5 = 50 1 = 100 r = x7r a = n/a c = 100% matte sn 3316 = 7" reel unmarked 3317 = 13" reel unmarked 1 additional reeling or packaging options may be available. contact kemet for details. one world. one kemet
2 ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com s pecial_vw/audi ? 1/26/2016 table 1 C capacitance range/selection waterfall (0603 C 1210 case sizes) capacitance code 0603 0805 1206 1210 6.3 v 10 v 16 v 25 v 50 v 100 v 6.3 v 10 v 16 v 25 v 50 v 100 v 6.3 v 10 v 16 v 25 v 50 v 100 v 6.3 v 10 v 16 v 25 v 50 v 100 v product availability and chip thickness codes C see table 2 for chip thickness dimensions 100 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 110 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 120 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 130 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 150 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 160 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 180 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 200 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 220 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 240 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 270 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 300 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 330 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 360 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 390 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 430 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 470 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 510 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 560 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 620 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 680 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 75 0 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 820 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 910 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 101 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 111 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 121 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 131 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 151 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 181 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 221 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 271 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 331 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 391 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 471 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 561 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 681 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 821 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 102 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 122 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 152 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 18 2 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 222 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 272 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 332 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 392 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 472 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 562 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 682 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 822 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 103 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 123 cd cd cd cd dr dr dr dr dr eq eq eq eq eq fn fn fn fn fn 153 cd cd cd cd dr dr dr dd dr eq eq eq eq eq fn fn fn fn fn 183 cd cd cd cd dr dr dr dd dr eq eq eq eq eq fn fn fn fn fn 223 cd cd cd cd dr dr dr dd dr eq eq eq eq eq fn fn fn fn fn 273 cd cd cd dr dr dr dd ds eq eq eq eq eq fn fn fn fn fn 333 cd cd cd dr dr dr dd ds eq eq eq eq eq fn fn fn fn fn 393 cd cd cd dr dr dr dd ds eq eq eq er eq fn fn fn fn fn cap code 6.3 v 10 v 16 v 25 v 50 v 100 v 6.3 v 10 v 16 v 25 v 50 v 100 v 6.3 v 10 v 16 v 25 v 50 v 100 v 6.3 v 10 v 16 v 25 v 50 v 100 v 0603 0805 1206 1210 surface mount multilayer ceramic capacitors (smd mlccs) flexible termination system (ft-cap), x7r dielectric, 6.3 C 100 vdc, vw 80808 specifcation
3 ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com s pecial_vw/audi ? 1/26/2016 table 1 C capacitance range/selection waterfall (0603 C 1210 case sizes) cont'd capacitance code 0603 0805 1206 1210 6.3 v 10 v 16 v 25 v 50 v 100 v 6.3 v 10 v 16 v 25 v 50 v 100 v 6.3 v 10 v 16 v 25 v 50 v 100 v 6.3 v 10 v 16 v 25 v 50 v 100 v product availability and chip thickness codes C see table 2 for chip thickness dimensions 473 cd cd cd dr dr dr ds dg eq eq eq er es fn fn fn fn fq 563 cd cd dd dd dd ds eq eq eq eq es fn fn fn fn fq 683 cd cd dd dd dd ds eq eq eq eq es fn fn fn fn fq 823 dd dd dd ds eq eq eq eq es fn fn fn fq fa 104 dr dr dr ds eq eq eq eq em fn fn fn fx fz 124 dd dd dd dg er er er er eu fn fn fn fx fu 154 dd dd dd dg er er er er eu fq fq fq fx fm 184 dd dd dd er er er er er fq fq fq fx fk 224 dd dd dd er er er er fq fq fq fx fk 274 dd dd dd er er er em fq fq fq fx fx 334 dd dd dd er er er eu fx fx fx fx 394 ds ds ds er er er fx fx fx fx 474 ds ds ds er er er fx fx fx fx 564 dh dh dh er er er fx fx fx fa 684 dh dh dh es es es fx fx fx fz 824 es es es fa fa fa fl 105 es es es fu fu fu fm 125 eh eh eh fz fz fz fz 155 eh eh eh fz fz fz fz 185 eh eh eh fz fz fz fz 225 eh eh eh fz fz fz fz 275 fz fz fz 335 fm fm fm cap code 6.3 v 10 v 16 v 25 v 50 v 100 v 6.3 v 10 v 16 v 25 v 50 v 100 v 6.3 v 10 v 16 v 25 v 50 v 100 v 6.3 v 10 v 16 v 25 v 50 v 100 v 0603 0805 1206 1210 surface mount multilayer ceramic capacitors (smd mlccs) flexible termination system (ft-cap), x7r dielectric, 6.3 C 100 vdc, vw 80808 specifcation
4 ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com s pecial_vw/audi ? 1/26/2016 table 2 C chip thickness/tape & reel packaging quantities thickness code case size thickness range (mm) paper quantity 1 plastic quantity 7" reel 13" reel 7" reel 13" reel aa 1005 15000 ab 0201 15000 bb 0402 15000 bc 0402 15000 pa 0508 0.80 0.10 4000 10000 cb 0603 0.80 0.07 4000 10000 cf 0603 0.80 0.07* 4000 15000 cc 0603 0.80 0.10 4000 10000 cg 0603 0.80 0.10* 4000 15000 cd 0603 0.80 0.15 4000 10000 cj 0603 0.80 0.15* 4000 15000 ch 0603 0.85 0.07 4000 10000 ma 0612 0.80 0.10 4000 10000 db 0805 0.60 0.10 4000 10000 dc 0805 0.78 0.10 4000 10000 dr 0805 0.78 0.20 4000 10000 dk 0805 0.80 0.10 4000 10000 dd 0805 0.90 0.10 4000 10000 dl 0805 0.95 0.10 4000 10000 de 0805 1.00 0.10 2500 10000 ds 0805 1.00 0.20 2500 10000 df 0805 1.10 0.10 2500 10000 dg 0805 1.25 0.15 2500 10000 dh 0805 1.25 0.20 2500 10000 eb 1206 0.78 0.10 4000 10000 4000 10000 eq 1206 0.78 0.20 4000 10000 4000 10000 ek 1206 0.80 0.10 2000 8000 ec 1206 0.90 0.10 4000 10000 er 1206 0.90 0.20 4000 10000 en 1206 0.95 0.10 4000 10000 ed 1206 1.00 0.10 2500 10000 es 1206 1.00 0.20 2500 10000 ee 1206 1.10 0.10 2500 10000 et 1206 1.10 0.20 2500 10000 ef 1206 1.20 0.15 2500 10000 ep 1206 1.20 0.20 2500 10000 em 1206 1.25 0.15 2500 10000 el 1206 1.25 0.20 2500 10000 eg 1206 1.60 0.15 2000 8000 eh 1206 1.60 0.20 2000 8000 eu 1206 1.60 0.25 2000 8000 ej 1206 1.70 0.20 2000 8000 fb 1210 0.78 0.10 4000 10000 fn 1210 0.78 0.20 4000 10000 fc 1210 0.90 0.10 4000 10000 fq 1210 0.90 0.20 4000 10000 fd 1210 0.95 0.10 4000 10000 thickness code case size thickness range (mm) 7" reel 13" reel 7" reel 13" reel paper quantity 1 plastic quantity surface mount multilayer ceramic capacitors (smd mlccs) flexible termination system (ft-cap), x7r dielectric, 6.3 C 100 vdc, vw 80808 specifcation
5 ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com s pecial_vw/audi ? 1/26/2016 table 2 C chip thickness/tape & reel packaging quantities cont'd thickness code case size thickness range (mm) paper quantity 1 plastic quantity 7" reel 13" reel 7" reel 13" reel fx 1210 0.95 0.20 4000 10000 fe 1210 1.00 0.10 2500 10000 ff 1210 1.10 0.10 2500 10000 fa 1210 1.10 0.15 2500 10000 fg 1210 1.25 0.15 2500 10000 fz 1210 1.25 0.20 2500 10000 fl 1210 1.40 0.15 2000 8000 fo 1210 1.50 0.20 2000 8000 fh 1210 1.55 0.15 2000 8000 fu 1210 1.55 0.20 2000 8000 fp 1210 1.60 0.20 2000 8000 fm 1210 1.70 0.20 2000 8000 fj 1210 1.85 0.20 2000 8000 ft 1210 1.90 0.20 1500 4000 fy 1210 2.00 0.20 2000 8000 fk 1210 2.10 0.20 2000 8000 fr 1210 2.25 0.20 2000 8000 fs 1210 2.50 0.30 1000 4000 fv 1210 3.35 0.10 600 2000 fw 1210 6.15 0.15 300 1000 thickness code case size thickness range (mm) 7" reel 13" reel 7" reel 13" reel paper quantity 1 plastic quantity surface mount multilayer ceramic capacitors (smd mlccs) flexible termination system (ft-cap), x7r dielectric, 6.3 C 100 vdc, vw 80808 specifcation
6 ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com s pecial_vw/audi ? 1/26/2016 kemet corporation world headquarters 2835 kemet way simpsonville, sc 29681 mailing address: p.o. box 5928 greenville, sc 29606 www.kemet.com tel: 864-963-6300 fax: 864-963-6521 corporate off ces fort lauderdale, fl tel: 954-766-2800 north america northeast wilmington, ma tel: 978-658-1663 southeast lake mary, fl tel: 407-855-8886 central novi, mi tel: 248-994-1030 irving, tx tel: 972-915-6041 west milpitas, ca tel: 408-433-9950 mexico guadalajara, jalisco tel: 52-33-3123-2141 europe southern europe sasso marconi, italy tel: 39-051-939111 skopje, macedonia tel: 389-2-55-14-623 central europe landsberg, germany tel: 49-8191-3350800 kamen, germany tel: 49-2307-438110 northern europe wyboston, united kingdom tel: 44-1480-273082 espoo, finland tel: 358-9-5406-5000 asia northeast asia hong kong tel: 852-2305-1168 shenzhen, china tel: 86-755-2518-1306 beijing, china tel: 86-10-5877-1075 shanghai, china tel: 86-21-6447-0707 seoul, south korea tel: 82-2-6294-0550 taipei, taiwan tel: 886-2-27528585 southeast asia singapore tel: 65-6701-8033 penang, malaysia tel: 60-4-6430200 bangalore, india tel: 91-806-53-76817 note: kemet reserves the right to modify minor details of internal and external construction at any time in the interest of product improvement. kemet does not assume any responsibility for infringement that might result from the use of kemet capacitors in potential circuit designs. kemet is a registered trademark of kemet electronics corporation. surface mount multilayer ceramic capacitors (smd mlccs) flexible termination system (ft-cap), x7r dielectric, 6.3 C 100 vdc, vw 80808 specifcation
7 ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com s pecial_vw/audi ? 1/26/2016 disclaimer all product specif cations, statements, information and data (collectively, the information) in this datasheet are subject to change. the customer is responsible for checking and verifying the extent to which the information contained in this publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without guarantee, warranty, or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on kemet electronics corporations (kemet) knowledge of typical operating conditions for such applications, but are not intended to constitute C and kemet specif cally disclaims C any warranty concerning suitability for a specif c customer application or use. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by kemet with reference to the use of kemets products is given gratis, and kemet assumes no obligation or liability for the advice given or results obtained. although kemet designs and manufactures its products to the most stringent quality and safety standards, given the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all productCrelated warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicted or that other measures may not be required. surface mount multilayer ceramic capacitors (smd mlccs) flexible termination system (ft-cap), x7r dielectric, 6.3 C 100 vdc, vw 80808 specifcation


▲Up To Search▲   

 
Price & Availability of C0603X106M1RAC3316

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X